PART |
Description |
Maker |
W78LE812/P/F |
8-bit MCU w/ 8Kx8 FLASH, 256x8 RAM, 8 Ext. Interrupts for Wake-up, Wide Voltage Version
|
Winbond Electronics
|
ST6225CM6 ST6215CB3 ST6225CB3 ST6225CM1 ST62P15CB3 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, OSCILLATOR SAFEGARD, SAFE RESET AND 28 PINS 8-bit MCU with 8-bit A/D converter, two timers, oscillator safeguard & safe reset, 64 b RAM, 4Kb ROM, 8MHz, low voltage
|
ST Microelectronics SGS Thomson Microelectronics
|
ST7294 |
8-Bit MCU with 6K ROM, EEPROM and 16-Bit Timer with Input Capture and Dual Output Compare(B>6K ROM,EEPROM6位定时器位MCU)
|
意法半导
|
28C64AF-25/SO 28C64A-25I/SO 28C64A-15I/L 28C64A-15 |
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface EEPROM|8KX8|CMOS|LDCC|32PIN|PLASTIC EEPROM的| 8KX8 |的CMOS | LDCC | 32脚|塑料 EEPROM|8KX8|CMOS|SOP|28PIN|PLASTIC EEPROM的| 8KX8 |的CMOS |专科| 28脚|塑料 Evaluation Kit/Evaluation System for the MAX5580, MAX5581, MAX5582, MAX5583, MAX5584, MAX5585 EEPROM的| 8KX8 |的CMOS | LDCC | 32脚|塑料 Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs EEPROM的| 8KX8 |的CMOS | LDCC | 32脚|塑料
|
Microchip Technology, Inc.
|
ST7MDT20-DVP3 ST7SB20J/UK ST7MDT20-T32/DVP ST7MDT2 |
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE 8K的闪 ROM,模数转换器个计时器,SPI和SCI接口控制
|
意法半导 STMicroelectronics N.V.
|
UBB12/3D24 UBB12/2.5Q48 UBB5/6Q48 UBB5/7D24 UBB15/ |
8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 模拟IC
|
NEC, Corp.
|
ST7285A5CQ6 ST7285A5CQ8 ST72T85A5Q6 |
8-BIT MICROCONTROLLER (MCU) FOR CAR RADIO WITH ROM, EPROM OR OTP, RDS (RADIO DATA SYSTEM), ADC, TIMERS, SPI (S), I2C, SCI, PQFP80 8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
|
SGS Thomson Microelectronics ST Microelectronics
|
ST62P03CM6 ST62P03CM1 ST62P03CM3 ST62T01CM6/TR ST6 |
(ST62P00C - ST62P03C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER (MCU) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGUARD. SAFE RESET AND 16 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器保障。安全复位和16个引
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
UPD750008 UPD750008CUA-XXX UPD750008CU-XXX UPD7500 |
75XL series 4B-pin microcomputer on-chip ROM (8Kx8) & RAM(512x4) 4-bit single-chip microcomputer
|
NEC
|
ST72F324BK6T3 ST72F324BK6T6 ST72F324BK4T3 ST72F324 |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
ST Microelectronics
|
ST72P260G1M6 ST72260G1M6 ST72P264G2H1 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
|
ST Microelectronics
|
|